Part Number Hot Search : 
TC144E SAB80 AD943 M013TR 216125 DO234B M5281 C4054
Product Description
Full Text Search
 

To Download CMDZ5221B10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMDZ5221B THRU CMDZ5261B SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMDZ5221B Series Silicon Zener Diode is a high quality voltage regulator, manufactured in a super-mini surface mount package, designed for use in industrial, commercial, entertainment and computer applications. MARKING CODE: SEE MARKING CODES ON ELECTRICAL CHARACTERISTICS TABLE
SOD-323 CASE
MAXIMUM RATINGS: (TA=25C) Power Dissipation Operating and Storage Temperature Thermal Resistance SYMBOL PD TJ, Tstg JA UNITS mW C C/W
250 -65 to +150 500
ELECTRICAL CHARACTERISTICS: (TA=25C), VF=0.9V MAX @ IF=10mA (FOR ALL TYPES)
ZENER VOLTAGE VZ @ IZT MIN CMDZ5221B CMDZ5222B CMDZ5223B CMDZ5224B CMDZ5225B CMDZ5226B CMDZ5227B CMDZ5228B CMDZ5229B CMDZ5230B CMDZ5231B CMDZ5232B CMDZ5233B CMDZ5234B CMDZ5235B CMDZ5236B CMDZ5237B CMDZ5238B CMDZ5239B CMDZ5240B CMDZ5241B CMDZ5242B V 2.280 2.375 2.565 2.660 2.850 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.700 5.890 6.460 7.125 7.790 8.265 8.645 9.500 10.45 11.40 NOM V 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 MAX V 2.520 2.625 2.835 2.940 3.150 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.300 6.510 7.140 7.875 8.610 9.135 9.555 10.50 11.55 12.60 TEST CURRENT I ZT MAXIMUM ZENER IMPEDANCE ZZT @ IZT 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 ZZK @ IZK 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 MAXIMUM REVERSE CURRENT IR @ VR A 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 MAXIMUM ZENER VOLTAGE TEMPERATURE MARKING COEFFICIENT CODE VZ %/C -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 X1 X2 X3 X4 X5 X6 X7 X8 X9 XA XB XC XD XE XF XG XH XJ XK XL XN XO
TYPE
mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
R4 (8-January 2010)
CMDZ5221B THRU CMDZ5261B SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25C), VF=0.9V MAX @ IF=10mA (FOR ALL TYPES)
ZENER VOLTAGE VZ @ IZT MIN CMDZ5243B CMDZ5244B CMDZ5245B CMDZ5246B CMDZ5247B CMDZ5248B CMDZ5249B CMDZ5250B CMDZ5251B CMDZ5252B CMDZ5253B CMDZ5254B CMDZ5255B CMDZ5256B CMDZ5257B CMDZ5258B CMDZ5259B CMDZ5260B CMDZ5261B V 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 NOM V 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 MAX V 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 TEST CURRENT I ZT mA 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 MAXIMUM ZENER IMPEDANCE ZZT @ IZT 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 ZZK @ IZK 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 MAXIMUM REVERSE CURRENT IR @ VR A 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 MAXIMUM ZENER VOLTAGE TEMPERATURE MARKING COEFFICIENT CODE VZ %/C +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 XP XQ XR XS XT XU XV XX XY XZ Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9
TYPE
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) CATHODE 2) ANODE
R4 (8-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMDZ5221B10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X